1 audio plug/sockets 4831.2230 www.schurter.com /pg12 appliance inlet 4831, pcb terminals, insulated, 2-pole, audio plug/sockets, 2.5 mm description - pcb mounting : drop-in type , from rear-side - audio entrances and exits - data and signal transfer - audio plug: 2-pole , insulated , straight references alternative: housing shielded 4831.2220 technical data diameter 2.5 mm number of poles 2-pole ratings dc 0.5 a / 30 vdc ratings ac 0.5 a / 30 vac dielectric strength 500 vdc insulation resistance > 100 m? @ 500 vdc allowable operation temp. -20 c to 70 c terminal pcb terminals silver plated mounting drop-in type housings insulated style straight lifetime 5000 insertions dimensions 5.0 ? 2.6 ? 5.0 ? 5.2 5.0 2.5 13.0 11.0 3.8 5.5 7.5 0.8 0.35 1.5 6.5 2.5 ? 1.1 pcb component side diagrams all variants product group diameter [mm] number of poles terminal order number audio plug/sockets 2.5 2-pole pcb terminals 4831.2230 availability for all products can be searched real-time: http://www.schurter.com/stock-check/stock-check-schurter
2 audio plug/sockets 4831.2230 www.schurter.com /pg12 appliance inlet packaging unit 1000 pcs mating inlets/plugs category / description audio plug/sockets overview complete 4831, solder terminal, screened, 2-pole, audio plug/sockets, 2.5 mm 4831.1200 4831, solder terminal, insulated, 2-pole, audio plug/sockets, 2.5 mm 4831.1210 4831, solder terminal, insulated, 2-pole, audio plug/sockets, 2.5 mm 4831.1220 audio plug/sockets further types to 4831.2230 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability and test each product selected for their own applications. 28.10.2016
|